Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8110EE Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8110EE Datasheet HTML 17Page - Infineon Technologies AG TLE8110EE Datasheet HTML 18Page - Infineon Technologies AG TLE8110EE Datasheet HTML 19Page - Infineon Technologies AG TLE8110EE Datasheet HTML 20Page - Infineon Technologies AG TLE8110EE Datasheet HTML 21Page - Infineon Technologies AG TLE8110EE Datasheet HTML 22Page - Infineon Technologies AG TLE8110EE Datasheet HTML 23Page - Infineon Technologies AG TLE8110EE Datasheet HTML 24Page - Infineon Technologies AG TLE8110EE Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Data Sheet
21
Rev. 1.0, 2009-06-15
FLEX
Smart Multi-Channel Switch
Power Outputs
7.2
Description of the Clamping Structure
When switching off inductive loads, the potential at pin OUT rises to VDS(CL) potential, because the inductance
intends to continue driving the current. The voltage clamping is necessary to prevent destruction of the device,
see Figure 10 for the principle clamping circuit. Nevertheless, the maximum allowed load inductance is limited.
Figure 10
Principle Clamping Structure
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the device. This energy can be
calculated with following equation:
(1)
Following equation simplifies under the assumption of
R
L = 0:
(2)
The maximum energy, which is converted into heat, is limited by the thermal design of the component.
The Repetitive Clamping Energies
E
AR as defined in the following Chapter 7.3, Item 7.3.4 (and following items)
are representing cummulated operating scenarios for one channel group with:
•
normal operating condition with a typical battery voltage of VBatt = 16V and an ambient temperature of
typically Ta = 125°C.
•
cold operation with a typical battery voltage of typically VBatt = 13.5V and an ambient temperature of
typically Ta = -40°C.
•
generator defect with a typical battery voltage of VBatt = 18V and an ambient temperature of typically Ta =135°C.
The Power Dissipation Pv is typically considered with Pv = 3W during normal operation. This power dissipation
changes during the other operating conditions according the thermal behaviour of
R
DSon and the load Resistance
R
L. The interaction of both, together with an assumed typical Rthja = 7.5K/W, the given average junction
temperature Tj is considered as the start temperature for the clamping process.
Due to the fact, that the maximum possible Repetitive Clamping Energy
E
AR varies with the Load Current ID,
partially optional operating points are specified within the scenarios. Those optional operating points are not
considered as cummulative clamping pulses to the scenario.
Vbat
ID
V
DScl
OUT
V
DS
GND
L,
RL
OutputClamp.vsd
EVDS(CL)
Vbatt V
–
DScl
RL
-------------------------------- ln
⋅
1
RL IL
⋅
Vbatt V
–
DScl
--------------------------------
–



IL
+
L
RL
------
⋅⋅
=
E
1
2
---
LIL
2
VDScl
VDScl V
–
Batt
---------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com