Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42694 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42694 Datasheet HTML 5Page - Infineon Technologies AG TLE42694 Datasheet HTML 6Page - Infineon Technologies AG TLE42694 Datasheet HTML 7Page - Infineon Technologies AG TLE42694 Datasheet HTML 8Page - Infineon Technologies AG TLE42694 Datasheet HTML 9Page - Infineon Technologies AG TLE42694 Datasheet HTML 10Page - Infineon Technologies AG TLE42694 Datasheet HTML 11Page - Infineon Technologies AG TLE42694 Datasheet HTML 12Page - Infineon Technologies AG TLE42694 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
9
Rev. 1.1, 2008-10-07
TLE42694
General Product Characteristics
4.2
Functional Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input Voltage
V
I
5.5
45
V
–
Output Capacitor’s Requirements
for Stability
C
Q
10
–
µF
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
–1)
ESR(C
Q)
–
3
Ω
2) relevant ESR value at
f = 10 kHz
Junction Temperature
T
j
-40
150
°C
–
–2)
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.2.1
4.2.2
4.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com