Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR1908 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AVR1908
Description  Two buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR1908 Datasheet(HTML) 1 Page - ATMEL Corporation

  AVR1908 Datasheet HTML 1Page - ATMEL Corporation AVR1908 Datasheet HTML 2Page - ATMEL Corporation AVR1908 Datasheet HTML 3Page - ATMEL Corporation AVR1908 Datasheet HTML 4Page - ATMEL Corporation AVR1908 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AVR1908: QTouch Xplained Hardware User's
Guide
• Xplain compatible top module for Atmel® capacitive touch - QTouch®
-
Two buttons
-
One slider
-
One wheel
• Requires download of
-
Atmel QTouch library software
-
AVR QTouch® Studio for visualization of data (debug frontend)
-
FLIP (Flexible In-system Programmer)
1 Introduction
QTouch Xplained is an easy to use low-cost evaluation kit, which demonstrates
QTouch and the QTouch Library features. The QTouch Xplained utilizes the Xplain
to do this.
The kit demonstrates how a QTouch solution requires only a very simple circuit
design and a minimum of external components. It includes support for eight
QTouch channels: a slider (3 channels), a wheel (3 channels) and two keys (1
channel each).
Figure 1-1. QTouch Xplained Evaluation board
8-bit
Microcontrollers
Application Note
Rev. 8275A-AVR-04/10


Similar Part No. - AVR1908

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR1010 ATMEL-AVR1010 Datasheet
218Kb / 13P
Minimizing the power consumption of Atmel AVR XMEGA devices
AVR125 ATMEL-AVR125 Datasheet
174Kb / 11P
ADC of tinyAVR in Single Ended Mode Up to 10bit resolution
logo
Microchip Technology
AVR128DA28 MICROCHIP-AVR128DA28 Datasheet
4Mb / 606P
AVR짰 DA Family
2020
AVR128DA32 MICROCHIP-AVR128DA32 Datasheet
4Mb / 606P
AVR짰 DA Family
2020
AVR128DA48 MICROCHIP-AVR128DA48 Datasheet
4Mb / 606P
AVR짰 DA Family
2020
More results

Similar Description - AVR1908

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
Zero-Force Touch Buttons
800Z-GF3065 ALLEN-BRADLEY-800Z-GF3065 Datasheet
148Kb / 4P
Zero-Force Touch Buttons
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
Push Buttons
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
Momentary Action Optical Touch Buttons
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
Push Buttons and Operator Interface
logo
ATMEL Corporation
ATTINY817 ATMEL-ATTINY817 Datasheet
4Mb / 19P
Four self capacitance buttons
logo
STMicroelectronics
M24LR-DISCOVERY STMICROELECTRONICS-M24LR-DISCOVERY Datasheet
351Kb / 5P
Two function buttons
30-Mar-2015
logo
TiMOTION Technology Co....
TDH11P TIMOTION-TDH11P Datasheet
258Kb / 3P
Max. available buttons 6
20201028-B
TDH15 TIMOTION-TDH15 Datasheet
133Kb / 3P
Maximum available buttons 2
20180410-A
TDH19P TIMOTION-TDH19P Datasheet
180Kb / 3P
Maximum available buttons 6
20190719-A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com