Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-0575B Datasheet(PDF) 1 Page - CUI INC

Part # CSS-0575B
Description  MAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-0575B Datasheet(HTML) 1 Page - CUI INC

  CSS-0575B Datasheet HTML 1Page - CUI INC CSS-0575B Datasheet HTML 2Page - CUI INC CSS-0575B Datasheet HTML 3Page - CUI INC CSS-0575B Datasheet HTML 4Page - CUI INC CSS-0575B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date
page
PART NUMBER:
DESCRIPTION:
06/2010
1 of 5
MAGNETIC BUZZER
CSS-0575B
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
rated voltage
3
V o-p
operating voltage
2
4
V o-p
current consumption
at rated voltage, 4,000 Hz square wave, ½ duty
110
mA
coil resistance
912
15
sound output
at 10 cm (A-weight free air), rated voltage,
4,000 Hz square wave, ½ duty
75
dBA
rated frequency
4,000
Hz
operating temperature
-30
70
°C
storage temperature
-40
80
°C
dimenstions
5 x 5 x 2.5 mm (L x W x H)
weight
0.3
g
material
L.C.P. (black)
terminal
SMD type (Sn plating)
RoHS
yes
±0.5mm UNLESS OTHERWISE
TOLERANCE:
SPECIFIED
0.25 0.010
(TYP)
0.25 0.010
(TYP)
0.010
0.25
(TYP)
0.25 0.010
(TYP)
3.5 0.138
RECOMMENDED
PCB LAYOUT
2.7
0.028
0.106
(3 PLCS)
0.7
1.1 0.043
(3 PLCS)
SOUND PORT
(+)
(+)
(-)
5.0 0.197
5.0 0.197
(-)
0.055
(3 PLCS)
1.4
2.7 0.106
APPEARANCE DRAWING


Similar Part No. - CSS-0575B

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSS-0575B-SMT CUI-CSS-0575B-SMT Datasheet
304Kb / 3P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CSS-0575B-SMT-TR CUID-CSS-0575B-SMT-TR Datasheet
449Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CSS-0575B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
Magnetic buzzer
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com