Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-0578 Datasheet(PDF) 3 Page - CUI INC

Part # CSS-0578
Description  MAGNETIC BUZZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-0578 Datasheet(HTML) 3 Page - CUI INC

  CSS-0578 Datasheet HTML 1Page - CUI INC CSS-0578 Datasheet HTML 2Page - CUI INC CSS-0578 Datasheet HTML 3Page - CUI INC CSS-0578 Datasheet HTML 4Page - CUI INC CSS-0578 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
date
page
PART NUMBER:
DESCRIPTION:
06/2010
3 of 5
MAGNETIC BUZZER
CSS-0578
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
solderability
Lead terminals are immersed in a solder bath of +260 ±5°C for 3
±1 seconds.
95% min. of the lead terminals will be
wet with solder.
(except the edge of the terminal)
soldering heat resistance
The buzzer will follow the reflow temperature curve to test its
reflow thermo stability.
No interference in operation.
terminal mechanical strength
For 10 seconds, the force of 9.8 N (1.0 kg) is applied to each
terminal in each axial direction.
No damage or cutting off
vibration test
The buzzer should be measured after a vibration amplitude of 1.5
mm with 10 ~ 55 Hz band of vibration frequency to each of the
3 perpendicular directions for 6 hours.
After any tests, the buzzer will meet
specifications without any damage
in appearance and the SPL should be
within ±10 dBA of the initial
measurements.
drop test
The buzzer without packaging is subjected to 3 drops on each
axis from the height of 75 cm onto a 40 mm thick wooden board.
ENVIRONMENT TEST
item
test condition
evaluation standard
high temperature test
After being placed in a chamber at +80°C for 48 hours.
After any tests, the buzzer will meet
specifications without any damage in
appearance except SPL. After
4 hours at 25°C, SPL should be within
±10 dBA of the initial measurements.
low temperature test
After being placed in a chamber at -40°C for 48 hours.
thermal shock test
The part will be subjected to 10 cycles. One cycle will consist of:
temperature cycle test
The part will be subjected to 10 cycles. One cycle will consist of:
+80°C
a,b : 90~98%RH
c : 80~98%RH
a
b
+25°C
3hrs
12±0.5hrs
3hrs
c
24hours
+80°C
-40°C
30 min.
30 min.
60 min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com