Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16HT Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FEP16HT
Description  Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FEP16HT Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FEP16HT Datasheet HTML 1Page - EIC discrete Semiconductors FEP16HT Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FEP16AT ~ FEP16JT )
FIG.1 - FORWARD CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE
DERATING CURRENT
PEAK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
Page 2 of 2
Rev. 03 : May 13, 2006
20
16
12
8
24
10
250
0
300
0
200
150
100
10
80
100
100
1
100
140
20
40
60
120
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ = 25 °C
TJ = 100 °C
Pulse Width = 300
μs
1% Duty Cycle
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.1
8.3ms SINGLE HALF SINE-WAVE
(JEDEC) Method
4
50
TJ =TJ max.
0
0.1
REVERSE VOLTAGE, VOLTS
0.1
1
10
100
10
100
1000
FEP16HT - FEP16JT
FEP16FT - FEP16GT
FEP16AT - FEP16DT
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
FEP16AT - FEP16GT
FEP16HT - FEP16JT
TJ = 25 °C
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com