Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST10150 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FST10150
Description  Dual Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FST10150 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FST10150 Datasheet HTML 1Page - EIC discrete Semiconductors FST10150 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FST10120 to FST10150
Dual Schottky Barrier Rectifiers
PRV : 120 - 150 Volts
Io : 10 Ampere
FEATURES :
* Guard ring for reverse protection
* Low power loss
* High efficiency
* High surge capacity
* Pb / RoHS Free
MECHANICAL DATA :
* Case : JEDEC TO-220AB molded plastic body
* Terminals: Plated leads, solderable per
MIL-STD-750 Method 2026
* Polarity: As marked
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta =25°C unless otherwise noted.)
SYMBOL
FST10120
FST10130
FST10150
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
120
130
150
V
Maximum Average Forward Rectified
Total device
10
Current at TC = 162 °C
Per Leg
5
Maximum Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load Per Leg
Maximum Instantaneous Forward
at IF = 5 A, TJ =25 °C
0.82
Voltage Per Leg
(1)
IF = 5 A, TJ =125 °C
0.63
Maximum Reverse Current Per Leg
TJ = 25°C
IR
100
μA
at Working Peak Reverse Voltage
(1)
TJ = 125 °C
IR(H)
125
μA
Typical Junction Capacitance ( VR = 5 V, TJ = 25 °C)
CJ
180
pF
Typical Thermal Resistance, Junction to Case, Per Leg
RθJC
3.6
°C/W
Operating Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
TSTG
- 55 to + 175
°C
Note :
(1) Pulse Test: Pulse Width 300 µs, Duty Cycle 2% .
Page 1 of 2
Rev. 01 : October 13, 2006
A
IF(AV)
VF
PARAMETER
A
IFSM
200
V
0.105(2.67)
0.095(2.41)
PIN 2
0.205(5.20)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54)MAX.
0.154(3.91)DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
PIN 1
PIN 3
CASE
0.022(0.56)
0.014(0.36)
13
2
TO-220AB
Dimensions in inches and ( millimeters )
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - FST10150

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST10150 MICROSEMI-FST10150 Datasheet
150Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FST10150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
DUAL SCHOTTKY BARRIER RECTIFIERS
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com