Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST10200 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FST10200
Description  Dual Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FST10200 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FST10200 Datasheet HTML 1Page - EIC discrete Semiconductors FST10200 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING
FIG.2 - TYPICAL JUNCTION CAPACITANCE
PER LEG
PER LEG
120
125
130
135
140
145
150
155
0.1
1.0
10
100
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PER LEG
PER LEG
0
40
80
120
160
200
Page 2 of 2
Rev. 01 : October 13, 2006
RATING AND CHARACTERISTIC CURVES ( FST10180~ FST10200 )
5
4
3
2
1.0
1000
0
10
100
10
100
100
0.1
REVERSE VOLTAGE, (V)
0.1
0.2
0.4
0.6
0.8
1.0
INSTANTANEOUS FORWARD
VOLTAGE, (V)
1
1.0
TJ = 25 °C
0.01
10
1.2
TJ = 25 °C
TJ = 125 °C
TJ = 125 °C
1.4
1.6
CASE TEMPERATURE, ( °C)
REVERSE VOLTAGE, (V)
TJ = 75 °C
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com