Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2000KB Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FT2000KB
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FT2000KB Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FT2000KB Datasheet HTML 1Page - EIC discrete Semiconductors FT2000KB Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FT2000AA ~FT2000KG
FAST RECOVERY RECTIFIERS
PRV : 50 ~ 400 Volts
Io : 20 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Epoxy, Molded
* Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
* Polarity: As marked , K
K
(Standard) is p/n FT2000KA, FT2000KB, …, KG
A
(Reverse) is p/n FT2000AA, FT2000AB, …, AG
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
FT2000KA FT2000KB FT2000KD FT2000KG
FT2000AA FT2000AB FT2000AD FT2000AG
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
V
Maximum Surge Peak Reverse Voltage
VRSM
50
100
200
400
V
Maximum Average Forward Current, R-load, TC = 100 °C
IF(AV)
20
A
Maximum Peak Rectified Forward Current, f > 15 Hz (Note 1)
IFRM
A
Maximum Peak Forward Surge Current, 50 Hz half sine wave
375
60 Hz half sine wave
390
Maximum Forward Voltage
IF = 5 A, Tj = 25°C
0.84
IF = 20 A, Tj = 25°C
0.96
Maximum Reverse Current, VR = VRRM, Tj = 25 °C
IR
25
μA
Maximum Reverse Recovery Time, (IF = 0.5A, IR = 1A ; Irr = 0.25 A)
Trr
ns
Maximum Thermal Resistance, Junction to Case
RӨJC
1.5
K / W
Junction Temperature Range, at reduced reverse voltage, V R ≤ 80% VRRM
- 50 to + 150
VR ≤ 20% VRRM
- 50 to + 200
in DC forward mode
- 50 to + 200
Storage Temperature Range
TSTG
- 50 to + 175
°C
Note :
(1) Max. temperature of the case TC = 100 °C.
Page 1 of 2
Rev. 00 : March 10, 2008
UNIT
SYMBOL
TJ
°C
RATING
80
A
200
IFSM
VF
V
0.205(520)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54)MAX.
0.154(3.91)DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
0.022(0.56)
0.014(0.36)
12
TO-220AC
Dimensions in inches and ( millimeters )
PIN 1
PIN 2
CASE
K
PIN 1
PIN 2
CASE
A
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - FT2000KB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FT2000KB DIOTEC-FT2000KB Datasheet
123Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000KB DIOTEC-FT2000KB Datasheet
114Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000KB DIOTEC-FT2000KB Datasheet
124Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000KB DIOTEC-FT2000KB Datasheet
124Kb / 2P
Superfast Silicon Rectifiers-Single Diode / Two Polarities
FT2000KB DIOTEC-FT2000KB Datasheet
170Kb / 2P
Fast Efficient Rectifier Diodes
More results

Similar Description - FT2000KB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com