Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3882 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3882
Description  Dual-Channel Automotive CCFL Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3882 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3882_10 Datasheet HTML 1Page - Maxim Integrated Products DS3882_10 Datasheet HTML 2Page - Maxim Integrated Products DS3882_10 Datasheet HTML 3Page - Maxim Integrated Products DS3882_10 Datasheet HTML 4Page - Maxim Integrated Products DS3882_10 Datasheet HTML 5Page - Maxim Integrated Products DS3882_10 Datasheet HTML 6Page - Maxim Integrated Products DS3882_10 Datasheet HTML 7Page - Maxim Integrated Products DS3882_10 Datasheet HTML 8Page - Maxim Integrated Products DS3882_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Dual-Channel Automotive CCFL Controller
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +105°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, SDA, and
SCL Relative to Ground.....................................-0.5V to +6.0V
Voltage Range on Leads Other than VCC, SDA, and
SCL ......................-0.5V to (VCC + 0.5V), not to exceed +6.0V
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 12.8mW/°C above +70°C) .............1025.6mW
Operating Temperature Range .........................-40°C to +105°C
EEPROM Programming Temperature Range .........0°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.75
5.25
V
Input Logic 1
VIH
2.0
VCC
+ 0.3
V
Input Logic 0
VIL
-0.3
1.0
V
SVML/H Voltage Range
VSVM
-0.3
VCC +
0.3
V
BRIGHT Voltage Range
VBRIGHT
-0.3
VCC +
0.3
V
LCM Voltage Range
VLCM
(Note 2)
-0.3
VCC +
0.3
V
OVD Voltage Range
VOVD
(Note 2)
-0.3
VCC +
0.3
V
Gate-Driver Output Charge
Loading
QG
20
nC
ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = -40°C to +105°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
GA, GB loaded with 600pF, 2 channels active
12
mA
Input Leakage (Digital Pins)
IL
-1.0
+1.0
µA
Power-Down Current
IPDN
2mA
Output Leakage (SDA, FAULT)ILO
High impedance
-1.0
+1.0
µA
Low-Level Output Voltage
(LSYNC, PSYNC)
VOL
IOL = 4mA
0.4
V
VOL1
IOL1 = 3mA
0.4
Low-Level Output Voltage
(SDA, FAULT)
VOL2
IOL2 = 6mA
0.6
V
Low-Level Output Voltage
(GA, GB)
VOL3
IOL3 = 4mA
0.4
V
High-Level Output Voltage
(LSYNC, PSYNC)
VOH
IOH = -1mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com