Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # EU2
Description  FAST RECOVERY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

EU2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  EU2 Datasheet HTML 1Page - EIC discrete Semiconductors EU2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EU2 - EU2Z
FAST RECOVERY
RECTIFIER DIODES
PRV : 200 - 600 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
EU2Z
EU2
EU2A
UNIT
Maximum Peak Reverse Voltage
VRM
200
400
600
V
Maximum Peak Reverse Surge Voltage
VRSM
250
450
650
V
Maximum Average Forward Current
IF(AV)
1.0
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sine wave, Single Shot )
Maximum Forward Voltage at IF = 1.0 A
VF
1.4
V
Maximum Reverse Current at VR = VRM
Ta = 25
°C
IR
10
µA
Maximum Reverse Current at VR = VRM
Ta = 100
°C
IR(H)
300
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
0.4
µs
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 10 mA, IRP = 10 mA.
Page 1 of 2
Rev. 01 : April 2, 2002
RATING
IFSM
15
A
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


Similar Part No. - EU2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU2 SANKEN-EU2 Datasheet
20Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU2 BILIN-EU2 Datasheet
113Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Shenzhen Luguang Electr...
EU2 LUGUANG-EU2 Datasheet
180Kb / 2P
High Efficiency Rectifiers
logo
EIC discrete Semiconduc...
EU2-EU2Z EIC-EU2-EU2Z Datasheet
48Kb / 2P
EU2-EU2Z - EU2-EU2Z - EIC discrete Semiconductors
More results

Similar Description - EU2

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
Fast Recovery Fast Recovery
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FKBP200 EIC-FKBP200_09 Datasheet
106Kb / 2P
FAST RECOVERY
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
Fast Recovery
1997-03-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com