Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14780E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14780E
Description  5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14780E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14780E Datasheet HTML 1Page - Maxim Integrated Products MAX14780E Datasheet HTML 2Page - Maxim Integrated Products MAX14780E Datasheet HTML 3Page - Maxim Integrated Products MAX14780E Datasheet HTML 4Page - Maxim Integrated Products MAX14780E Datasheet HTML 5Page - Maxim Integrated Products MAX14780E Datasheet HTML 6Page - Maxim Integrated Products MAX14780E Datasheet HTML 7Page - Maxim Integrated Products MAX14780E Datasheet HTML 8Page - Maxim Integrated Products MAX14780E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 ______________________________________________________________________________________
+5.0V, ±30kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceiver
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
Supply Voltage (VCC)........................................................... +6V
Control Input Voltage (RE, DE) ...............................-0.3V to +6V
Driver Input Voltage (DI) .........................................-0.3V to +6V
Driver Output Voltage (A, B) ....................................-8V to +13V
Receiver Input Voltage (A, B) ..................................-8V to +13V
Receiver Output Voltage (RO) ................. -0.3V to (VCC + 0.3V)
Driver Output Current.................................................... ±250mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.9mW/°C above +70°C) ..........................471mW
Operating Temperature Range.......................... -40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25NC.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
VCC Supply-Voltage Range
VCC
4.5
5.5
V
Differential Driver Output
VOD
RL = 100I (RS-422), Figure 1
3
VCC
V
RL = 54I (RS-485), Figure 1
2
VCC
No load
VCC
Change in Magnitude of
Differential Output Voltage
D
VOD
RL = 100I or 54I, Figure 1 (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 100I or 54I, Figure 1
VCC/2
3
V
Change in Magnitude of
Common-Mode Voltage
D
VOC
RL = 100I or 54I, Figure 1 (Note 2)
0.2
V
Input-High Voltage
VIH
DE, DI, RE
3
V
Input-Low Voltage
VIL
DE, DI, RE
0.8
V
Input Hysteresis
VHYS
DE, DI, RE
100
mV
Input Current
IIN1
DE, DI, RE
Q
1
F
A
Input Impedance First Transition
DE, RE
1
10
kI
Driver Short-Circuit Output
Current
IOSD
0 P VOUT P +12V (Note 3)
40
250
mA
-7V P VOUT P VCC (Note 3)
-250
-40
Driver Short-Circuit Foldback
Output Current
IOSDF
(VCC - 1V) P VOUT P +12V (Note 3)
20
mA
-7V P VOUT P +1V (Note 3)
-20
Thermal-Shutdown Threshold
TTS
175
N
C
Thermal-Shutdown Hysteresis
TTSH
15
N
C
Input Current (A and B)
IA, B
VDE = 0V,
VCC = 0V or VCC
VIN = +12V
125
F
A
VIN = -7V
-100
RECEIVER
Receiver Differential Threshold
Voltage
VTH
-7V P VCM P +12V
-200
-125
-50
mV
Receiver Input Hysteresis
D
VTH
VA + VB = 0V
15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com