Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4253 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR4253
Description  Highly Integrated - All-in-one Active Antenna IC Integrated AGC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4253 Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR4253 Datasheet HTML 1Page - ATMEL Corporation ATR4253 Datasheet HTML 2Page - ATMEL Corporation ATR4253 Datasheet HTML 3Page - ATMEL Corporation ATR4253 Datasheet HTML 4Page - ATMEL Corporation ATR4253 Datasheet HTML 5Page - ATMEL Corporation ATR4253 Datasheet HTML 6Page - ATMEL Corporation ATR4253 Datasheet HTML 7Page - ATMEL Corporation ATR4253 Datasheet HTML 8Page - ATMEL Corporation ATR4253 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
9194CS–AUDR–10/10
Atmel ATR4253
7.
Electrical Characteristics
V
S = 10 V, Tamb = 25°C, unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
Supply current
AGC OFF
VS
Is
12
mA
B
AGC ON ; includes 7 mA
pin diode current
VS
Is
19
mA
B
Tamb = –40 to +115°C;
AGC ON; includes 7mA
pin diode current and
31mA RF current
VS, RFC
Is, IRFC
50
70
mA
C
2
RF Amplifier
2.3
Supply current(1)
Common base
RFC
IRFC
31
mA
B
2.4
Supply current(2)
Common emitter
RFC
IRFC
35
mA
A
2.6
Input resistance
f = 100MHz
RF IN
RFMIN
50
Ω
C
2.7
Output resistance
f = 100MHz
RF OUT
RFMOUT
50
Ω
C
2.8
Power gain
f = 100MHz
RF IN, RF OUT
G
5.2
dB
C
2.9
OIP3 at FMOUT
Common base
RF OUT
146
dBµV
C
2.10
NF
Common base
RF OUT
1.6
dB
C
2.11
Power gain
f = 100MHz, common
emitter
RF OUT
G
13.5
dB
B
2.12
OIP3 at FMOUT
Common emitter
RF OUT
140
dBµV
B
2.13
NF
Common emitter
RF OUT
3.5
dB
C
2.14
Maximum operating
frequency
3dB corner, common
emitter
RF OUT
450
MHz
C
3AGC
3.4
Maximum pin diode
current
AGC active, 115°C
PD1
12
19
mA
D
3.5
Maximum pin diode
current
AGC not active
PD2
12
mA
A
3.6
Input resistance
DET
R
DET
17
25
k
Ω
C
3.7
Input capacitance
f = 100MHz
DET
C
DET
1.5
2.0
pF
C
4
Voltage Regulator / Monitor
4.1
Output voltage of
regulator
Battery voltage
VB = 14V
VS
9.5
10
10.5
V
A
4.2
Ripple rejection of
regulator
100Hz, V
B > VS + 1V
VB, RF OUT
40
50
dB
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Current defined by R11= 68
Ω
2. Current defined by R11= 56
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com