Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYCL-R19A0 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYCL-R19A0
Description  OUTDOOR LAMP CLUSTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYCL-R19A0 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYCL-R19A0 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-R19A0 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-R19A0 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYCL-R19A0 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
OUTDOOR LAMP CLUSTER
PartNO.:FYCL-R19Axx
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
DESCRIPTION
Shape: round
diameter:19.0mm
High visibility
Emitting Color: red,green,blue
No of Built-in 5mm LED Lamps :
Ultra orange - xpcs,green –xpcs ,blue –x1pcs.
Waterproof Package With Hood Suitable
For Outdoor and Indoor Information Boards
Package Dimensions &Internal Circuit Diagram


Similar Part No. - FYCL-R19A0

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-R15A0 FORYARD-FYCL-R15A0 Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R15A1 FORYARD-FYCL-R15A1 Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R15A2 FORYARD-FYCL-R15A2 Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R15A3 FORYARD-FYCL-R15A3 Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R15A4 FORYARD-FYCL-R15A4 Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
More results

Similar Description - FYCL-R19A0

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYCL-R15AXX FORYARD-FYCL-R15AXX Datasheet
289Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R26AXX FORYARD-FYCL-R26AXX Datasheet
259Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-R52AXX FORYARD-FYCL-R52AXX Datasheet
108Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-S15AXX FORYARD-FYCL-S15AXX Datasheet
299Kb / 4P
OUTDOOR LAMP CLUSTER
FYCL-S19AXX FORYARD-FYCL-S19AXX Datasheet
166Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-S26AXX FORYARD-FYCL-S26AXX Datasheet
462Kb / 4P
OUTDOOR LAMP CLUSTER
FYCL-S28AXX FORYARD-FYCL-S28AXX Datasheet
217Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-S39AXX FORYARD-FYCL-S39AXX Datasheet
112Kb / 3P
OUTDOOR LAMP CLUSTER
FYCL-S114X64A FORYARD-FYCL-S114X64A Datasheet
317Kb / 4P
OUTDOOR LAMP CLUSTER
FYCL-S21A FORYARD-FYCL-S21A Datasheet
319Kb / 3P
OUTDOOR LAMP CLUSTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com