Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161-SH Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25DF161-SH
Description  One mechanical button switch Three LEDs Four expansion headers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161-SH Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25DF161-SH Datasheet HTML 5Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 6Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 7Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 8Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 9Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 10Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 11Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 12Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AVR32924
32156A-AVR-01/11
6 Miscellaneous I/O
6.1 Mechanical button switch
The board is equipped with one mechanical button switch. The button is shared with
LED0, and onboard protection circuitry is added to avoid a short when driving the port
high at the same time as pushing the button, which will short it to ground. To be able
to use both button and LED, time multiplexing has to be used.
To be able to detect a button press, the firmware has to periodically set the I/O pin to
input with pull-up and check if it is low. When done fast enough, the human eye will
not see any change on the LED.
6.2 LEDs
The Atmel UC3-L0 Xplained has three LEDs mounted onboard that are connected to
the Atmel AT32UC3L064. These include two standard yellow LEDs and one RGB
LED. The two yellow LEDs are active low, while the RGB LED is active high.
LED0 is shared with the mechanical button. When turning this LED on, set the I/O pin
to output low. When turning the LED off, set the I/O pin as input with pull-up. When
the LED is turned on, the protection circuitry added to the button will make the LED
shine brighter when the button is pressed. When the LED is off, any button press will
light up the LED.
One additional dual LED is mounted near the USB connector. This is the power and
status LED, which is connected to the board controller. This LED will be green when
power is applied, and will toggle between green and orange when communication
over USB is ongoing.
6.3 Analog I/O
A RC filter and an NTC are connected to ADC0 and ADC4 respectively. These analog
references can be used as input to the ADC. Both analog references can be
disconnected by cutting the cut-straps on the bottom side of the board.
The RC filter (1
st order low-pass) has an approximate 3dB cut-off frequency of 160Hz.
The input to the RC filter is one of the UC3 GPIO pins that can be configured to
output a PWM signal to the RC filter. This can be used to generate a DC voltage on
the output of the RC filter, which can be measured on the ADC. As this is a 1
st order
filter, the ripple on the DC voltage is proportional to the input frequency. A higher
input frequency will give lower ripple on the output.
6.4 Touch
The UC3-L0 Xplained kit has one Atmel QTouch button and one Atmel QMatrix slider
implemented onboard. The button and the slider are connected to the built-in CAT
module in the AT32UC3L064.
The QMatrix slider can be reconfigured to be used as four separate buttons instead of
as a slider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com