Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2334 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2334
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2334 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2334 Datasheet HTML 1Page - Renesas Technology Corp 2SC2334 Datasheet HTML 2Page - Renesas Technology Corp 2SC2334 Datasheet HTML 3Page - Renesas Technology Corp 2SC2334 Datasheet HTML 4Page - Renesas Technology Corp 2SC2334 Datasheet HTML 5Page - Renesas Technology Corp 2SC2334 Datasheet HTML 6Page - Renesas Technology Corp 2SC2334 Datasheet HTML 7Page - Renesas Technology Corp 2SC2334 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. D14902EJ2V1DS00 (2nd edition)
Date Published August 2004 NS CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SC2334
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC2334 is a mold power transistor developed for high-speed
switching, and is ideal for use as a driver in devices such as switching
regulators, DC/DC converters, and high-frequency power amplifiers.
FEATURES
• Low collector saturation voltage
• Fast switching speed
• Complementary transistor: 2SA1010
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
150
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
7.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs,
duty cycle
≤ 10%
15
A
Base current (DC)
IB(DC)
3.5
A
TC = 25
°C
40
W
Total power dissipation
PT
TA = 25
°C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
ORDERING INFORMATION
Part No.
Package
2SC2334
TO-220AB
(TO-220AB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com