Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4331 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4331
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4331 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4331 Datasheet HTML 1Page - Renesas Technology Corp 2SC4331 Datasheet HTML 2Page - Renesas Technology Corp 2SC4331 Datasheet HTML 3Page - Renesas Technology Corp 2SC4331 Datasheet HTML 4Page - Renesas Technology Corp 2SC4331 Datasheet HTML 5Page - Renesas Technology Corp 2SC4331 Datasheet HTML 6Page - Renesas Technology Corp 2SC4331 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4331,4331-Z
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. D16136EJ3V0DS00 (3rd edition)
Date Published January 2007 NS CP(K)
Printed in Japan
The 2SC4331 and 2SC4331-Z are mold power transistors developed for
high-speed switching and features a very low collector-to-emitter saturation
voltage.
This transistor is ideal for use in switching regulators, DC/DC converters,
motor drivers, solenoid drivers, and other low-voltage power supply devices,
as well as for high-current switching.
FEATURES
• Available for high-current control in small dimension
• Z type is a lead-processed product and is deal for mounting a hybrid IC.
• Low collector saturation voltage
VCE(sat) = 0.3 V MAX. (IC = 3.0 A)
• Fast switching speed:
tf
≤ 0.4
μs MAX. (IC = 3.0 A)
• High DC current gain and excellent linearity
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current (DC)
IC(DC)
5.0
A
Collector Current (pulse)
Note 1
IC(pulse)
10
A
Base Current (DC)
IB(DC)
2.5
A
Total Power Dissipation (TC = 25
°C)
PT1
15
W
Total Power Dissipation (TA = 25
°C)
PT2
1.0
Note 2, 2.0 Note 3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, duty cycle ≤ 50%
2. Printing board mounted
3. 7.5 cm
2 × 0.7 mm, ceramic board mounted
PACKAGE DRAWING (Unit: mm)
2
13
6.5 ±0.2
5.0 ±0.2
4
2.3
2.3
0.5 ±0.1
2.3 ±0.2
1.1 ±0.2
0.5 −0.1
+0.2
0.5 −0.1
+0.2
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
TO-252 (MP-3Z)
Electrode Connectio
1. Base
2. Collector
3. Emitter
4. Collector Fin
Note The depth of notch at the top of the fin is
from 0 to 0.2 mm.
TO-251 (MP-3)
<R>



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com