Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1850 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 17Page - NXP Semiconductors LPC1850 Datasheet HTML 18Page - NXP Semiconductors LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors LPC1850 Datasheet HTML 22Page - NXP Semiconductors LPC1850 Datasheet HTML 23Page - NXP Semiconductors LPC1850 Datasheet HTML 24Page - NXP Semiconductors LPC1850 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
21 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
PC_11[2]
L5
<tbd>
I/O
SDIO_D4 — SD/MMC data bus line 4.
I
USB1_ULPI_DIR — ULPI link DIR signal. Controls the ULP data line
direction.
I
U1_DCD — Data Carrier Detect input for UART 1.
-n.c.
PC_12[2]
L6
<tbd>
I/O
SDIO_D5 — SD/MMC data bus line 5.
-n.c.
O
U1_DTR — Data Terminal Ready output for UART 1. Can also be configured
to be an RS-485/EIA-485 output enable signal for UART 1.
-n.c.
PC_13[2]
M1
<tbd>
I/O
SDIO_D6 — SD/MMC data bus line 6.
-n.c.
O
U1_TXD — Transmitter output for UART 1.
-n.c.
PC_14[2]
N1
<tbd>
I/O
SDIO_D7 — SD/MMC data bus line 7.
-n.c.
I
U1_RXD — Receiver input for UART 1.
-n.c.
PD_0[2]
N2
<tbd>
-
n.c.
O
CTOUT_15 — SCT output 15. Match output 3 of timer 3.
O
EXTBUS_DQMOUT2 — Data mask 2 used with SDRAM and static devices.
-n.c.
PD_1[2]
P1
<tbd>
-
n.c.
-n.c.
O
EXTBUS_CKEOUT2 — SDRAM clock enable 2.
-n.c.
PD_2[2]
R1
<tbd>
-
n.c.
O
CTOUT_7 — SCT output 7. Match output 3 of timer 1.
I/O
EXTBUS_D16 — External memory data line 16.
-n.c.
PD_3[2]
P4
<tbd>
-
n.c.
O
CTOUT_6 — SCT output 7. Match output 2 of timer 1.
I/O
EXTBUS_D17 — External memory data line 17.
-n.c.
PD_4[2]
T2
<tbd>
-
n.c.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
I/O
EXTBUS_D18 — External memory data line 18.
-n.c.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com