Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYA-R2820ZX Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA-R2820ZX
Description  LED BARGRAPH DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA-R2820ZX Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA-R2820ZX Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED BARGRAPH DISPLAY
PartNO.:FYA-R2820ZX -XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
: Absolute maximum ratings (Ta=25℃)
Value
Parameter
Symbol
Test Condition
Min
Max
Unit
Reverse
Voltage
VR
IR=30A
5
-----
V
Forward
Current
IF
-----
------
30
mA
Power Dissipation
Pd
-----
------
100
mW
Pulse Current
Ipeak
Duty=0.1mS,
1KHz
------
150
mA
Operating
Temperature
Topr
-----
-40
+85
°C
Storage
Temperature
Tstr
-----
-40
+85
°C
·-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com