Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYA-R2820ZX-1 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA-R2820ZX-1
Description  LED BARGRAPH DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA-R2820ZX-1 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA-R2820ZX-1 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX-1 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX-1 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX-1 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-R2820ZX-1 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED BARGRAPH DISPLAY
PartNO.:FYA-R2820ZX -XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
DESCRIPTION
28*20*8.8mm Rectangular single color LED light bar display series
 Standard brightness.
 Low current operation.
 Excellent character apperance.
 Easy mounting on P.C.boards or sockets
Package Dimensions &Internal Circuit Diagram
Notes:
·All dimensions are in millimeters (inches)
·Tolerance is ±0.25(0.01")unless otherwise noted.
·Specificaions are subject to change whitout notice.


Similar Part No. - FYA-R2820ZX-1

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-R2820AZX-00 FORYARD-FYA-R2820AZX-00 Datasheet
386Kb / 5P
Bargraph Digit Display
FYA-R2820AZX-01 FORYARD-FYA-R2820AZX-01 Datasheet
386Kb / 5P
Bargraph Digit Display
FYA-R2820AZX-02 FORYARD-FYA-R2820AZX-02 Datasheet
386Kb / 5P
Bargraph Digit Display
FYA-R2820AZX-03 FORYARD-FYA-R2820AZX-03 Datasheet
386Kb / 5P
Bargraph Digit Display
FYA-R2820AZX-04 FORYARD-FYA-R2820AZX-04 Datasheet
386Kb / 5P
Bargraph Digit Display
More results

Similar Description - FYA-R2820ZX-1

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AC1Z18S4 BETLUX-BL-AC1Z18S4 Datasheet
69Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR02Z1212 BETLUX-BL-AR02Z1212 Datasheet
65Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
BL-AR10Z2510 BETLUX-BL-AR10Z2510 Datasheet
64Kb / 4P
LED BARGRAPH DISPLAY
REV NO: V.2
logo
Ningbo Foryard Optoelec...
FYA-C20ZX FORYARD-FYA-C20ZX Datasheet
384Kb / 5P
LED BARGRAPH DISPLAY
FYA-R1206ZX FORYARD-FYA-R1206ZX Datasheet
321Kb / 5P
LED BARGRAPH DISPLAY
FYA-R2010ZX FORYARD-FYA-R2010ZX Datasheet
322Kb / 5P
LED BARGRAPH DISPLAY
FYA-R7030ZX FORYARD-FYA-R7030ZX Datasheet
318Kb / 5P
LED BARGRAPH DISPLAY
FYA-S102ZX FORYARD-FYA-S102ZX Datasheet
321Kb / 5P
LED BARGRAPH DISPLAY
FYA-T13ZX FORYARD-FYA-T13ZX Datasheet
319Kb / 5P
LED BARGRAPH DISPLAY
FYA-T20ZX FORYARD-FYA-T20ZX Datasheet
317Kb / 5P
LED BARGRAPH DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com