Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB60R199CP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPB60R199CP
Description  CoolMOS Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB60R199CP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPB60R199CP_09 Datasheet HTML 2Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 3Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 4Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 5Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 6Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 7Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 8Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 9Page - Infineon Technologies AG IPB60R199CP_09 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPB60R199CP
13 Typ. capacitances
14 Typ. Coss stored energy
C =f(V DS); V GS=0 V; f =1 MHz
E oss= f(V DS)
0
4
8
12
0
100
200
300
400
500
600
V DS [V]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
Rev. 2.1
page 7
2009-04-06



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com