Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1971 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC1971
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC1971 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC1971 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
17
V
BVCBO
IC = 10 mA
35
V
BVEBO
IE = 5.0 mA
4.0
V
ICBO
VCES = 25 V
500
µA
IEBO
VEB = 3.0 V
500
µA
hFE
VCE = 10 V
IC = 100 mA
10
50
180
---
COB
VCB = 30 V
f = 1.0 MHz
15
pF
GPE
η
POUT
VCC = 13.5 V
PIN = 0.6 W
f =175 MHz
10
60
6.0
70
7.0
dB
%
W
NPN SILICON RF POWER TRANSISTOR
2SC1971
DESCRIPTION:
The
ASI 2SC1971 is Designed for RF
power amplifiers on VHF band mobile
radio applications.
FEATURES INCLUDE:
• Replaces Original 2SC1971 in
Most Applications
• High Gain Reduces Drive
Requirements
• Economical TO-220CE Package
MAXIMUM RATINGS
IC
2.0 A
VCBO
35 V
PDISS
12.5 W @ TC = 25 °C
TSTG
-55 °C to +150 °C
θ
JC
10 °C/W
PACKAGE STYLE TO-220AB (COMMON EMITTER)
1 = BASE
2 = EMITTER
3 = COLLECTOR TAB = EMITTER


Similar Part No. - 2SC1971

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1971 MITSUBISHI-2SC1971 Datasheet
127Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
logo
Inchange Semiconductor ...
2SC1971 ISC-2SC1971 Datasheet
219Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC1971 NJSEMI-2SC1971 Datasheet
153Kb / 1P
silicon NPN epitaxial planar type transistor designed for RF power amplifiers on VHF band mobile radio
logo
eleflow technologies co...
2SC1971 ELEFLOW-2SC1971 Datasheet
269Kb / 3P
4 to 5 watts output power amplifiers in VHF band applications.
logo
Mitsubishi Electric Sem...
2SC1971-01 MITSUBISHI-2SC1971-01 Datasheet
127Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
More results

Similar Description - 2SC1971

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com