Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3133 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC3133
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC3133 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC3133 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 10 mA
25
V
BVCBO
IC = 5.0 mA
60
V
BVEBO
IE = 1.0 mA
5.0
V
ICBO
VCB = 30 V
500
µA
IEBO
VEB = 4.0 V
500
µA
hFE
VCE = 12 V
IC = 10 mA
10
50
180
---
PO
η
C
VCC = 12 V
PIN = 0.5 W
f = 27 MHz
13
60
16
70
dB
%
NPN SILICON RF POWER TRANSISTOR
2SC3133
DESCRIPTION:
The
ASI 2SC3133 is Designed for RF
Power amplifiers in HF band mobile radio
Applications.
MAXIMUM RATINGS
IC
6.0 A
VCE
25 V
VCB
60 V
PDISS
20 W @ TC = 25 °C
TSTG
-65 °C to +150 °C
θ
JC
6.25 °C/W
PACKAGE STYLE TO-220AB (COMMON EMITTER)
1 = BASE
2 = EMITTER
3 = COLLECTOR
TAB = EMITTER


Similar Part No. - 2SC3133

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC3133 MITSUBISHI-2SC3133 Datasheet
133Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
logo
eleflow technologies co...
2SC3133 ELEFLOW-2SC3133 Datasheet
283Kb / 4P
10 watts output power amplifiers in HF band SSB mobile radio application
More results

Similar Description - 2SC3133

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com