Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2002FTB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2S2002FTB
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002FTB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2S2002FTB Datasheet HTML 4Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 5Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 6Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 7Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 8Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 9Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 10Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 11Page - NXP Semiconductors SL2S2002FTB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
8 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
9.
Abbreviations
10. References
[1]
ISO Standard — ISO/IEC 15693 - Identification cards - Contactless integrated
circuit cards - Vicinity cards.
[2]
ISO Standard — ISO/IEC 15693-2 -Identification cards - Contactless integrated
circuit cards - Vicinity cards - Part 2: Air interface and initialization.
[3]
ISO Standard — ISO/IEC 15693-3 -Identification cards - Contactless integrated
circuit cards - Vicinity cards - Part 3: Anticollision and transmission protocol.
[4]
ISO Standard — ISO/IEC 18000-3 - Information technology - Radio frequency
identification for item management - Part 3: Parameters for air interface
communications at 13.56 MHz.
[5]
ISO Standard — ISO/IEC 7816-6 - Identification cards - Integrated circuit cards -
Part 6: Interindustry data elements for interchange.
[6]
General specification for 8” wafer on UV-tape with electronic fail die
marking — Delivery type description – BU-ID document number: 1093**1.
[7]
SL2S2002; SL2S2102 — Product data sheet – BU-ID document number: 1780**
Table 6.
Abbreviations
Acronym
Description
AFI
Application Family Identifier
CRC
Cyclic Redundancy Check
DSFID
Data Storage Format IDentifier
EAS
Electronic Article Surveillance
EEPROM
Electrically Erasable Programmable Read Only Memory
IC
Integrated Circuit
LCR
Inductance, Capacitance, Resistance
LSB
Least Significant Byte/Bit
MSB
Most Significant Byte/Bit
RF
Radio Frequency
UID
Unique IDentifier
1.
** ... document version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com