Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331HDH Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC9331HDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331HDH Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC9331HDH Datasheet HTML 25Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 26Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 27Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 28Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 30Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 31Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 32Page - NXP Semiconductors P89LPC9331HDH Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Extended SFRs are physically located on-chip but logically located in external data memory address space (XDATA). The MOVX A,@DPTR and MOVX @DPTR,A instructions are
used to access these extended SFRs.
[2]
The BOICFG1/0 will be copied from UCFG1.5 and UCFG1.3 when power-on reset.
[3]
CLKCON register reset value comes from UCFG1 and UCFG2. The reset value of CLKCON.2 to CLKCON.0 come from UCFG1.2 to UCFG1.0 and reset value of CLKDBL bit
comes from UCFG2.7.
[4]
On power-on reset and watchdog reset, the PGAxTRIM8X16X and PGAxTRIM2X4X registers are initialized with a factory preprogrammed value. Other resets will not cause
initialization.
Table 7.
Extended special function registers - P89LPC9351/9361[1]
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex Binary
BODCFG
BOD
configuration
register
FFC8H
-
--
--
-
BOICFG1
BOICFG0 [2]
CLKCON
CLOCK
Control
register
FFDEH
CLKOK
-
-
XTALWD
CLKDBL
FOSC2
FOSC1
FOSC0
[3]
1000 xxxx
PGACON1
PGA1 control
register
FFE1H
ENPGA1
PGASEL1
1
PGASEL1
0
PGATRIM
1
-
-
PGAG11
PGAG10
00
0000 0000
PGACON1B
PGA1 control
register B
FFE4H
-
-
-
-
-
-
-
PGAENO
FF1
00
0000 0000
PGA1TRIM8X16X PGA1 trim
register
FFE3H
16XTRIM3 16XTRIM2 16XTRIM1 16XTRIM0
8XTRIM3
8XTRIM2
8XTRIM1
8XTRIM0
[4]
PGA1TRIM2X4X
PGA1 trim
register
FFE2H
4XTRIM3
4XTRIM2
4XTRIM1
4XTRIM0
2XTRIM3
2XTRIM2
2XTRIM1
2XTRIM0
[4]
PGACON0
PGA0 control
register
FFCAH
ENPGA0
PGASEL0
1
PGASEL0
0
PGATRIM
0
TSEL1
TSEL0
PGAG01
PGAG00
00
0000 0000
PGACON0B
PGA0 control
register B
FFCEH
-
-
-
-
-
-
-
PGAENO
FF0
00
0000 0000
PGA0TRIM8X16X PGA0 trim
register
FFCDH 16XTRIM3 16XTRIM2 16XTRIM1 16XTRIM0
8XTRIM3
8XTRIM2
8XTRIM1
8XTRIM0
[4]
PGA0TRIM2X4X
PGA0 trim
register
FFCCH
4XTRIM3
4XTRIM2
4XTRIM1
4XTRIM0
2XTRIM3
2XTRIM2
2XTRIM1
2XTRIM0
[4]
RTCDATH
Real-time
clock data
register high
FFBFH
00
0000 0000
RTCDATL
Real-time
clock data
register low
FFBEH
00
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com