Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 86Page - NXP Semiconductors P89LPC9331 Datasheet HTML 87Page - NXP Semiconductors P89LPC9331 Datasheet HTML 88Page - NXP Semiconductors P89LPC9331 Datasheet HTML 89Page - NXP Semiconductors P89LPC9331 Datasheet HTML 90Page - NXP Semiconductors P89LPC9331 Datasheet HTML 91Page - NXP Semiconductors P89LPC9331 Datasheet HTML 92Page - NXP Semiconductors P89LPC9331 Datasheet HTML 93Page - NXP Semiconductors P89LPC9331 Datasheet HTML 94Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
P89LPC9331_9341_9351_9361
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 10 January 2011
90 of 94
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
15. Revision history
Table 20.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
P89LPC9331_9341_9351_
9361 v.5
20110110
Product data sheet
-
P89LPC9331_9341_9
351_ 9361 v.4
Modifications:
• Table 12 “Static characteristics”: Added VPOR.
• Section 7.19 “Reset”: Added sentence “When this pin functions as a reset input...”.
P89LPC9331_9341_9351_
9361 v.4
20100910
Product data sheet
-
P89LPC9331_9341_9
351_ 9361 v.3
P89LPC9331_9341_9351_
9361 v.3
20090602
Product data sheet
-
P89LPC9331_9341_
9351 v.2
P89LPC9331_9341_9351 v.2 20090505
Product data sheet
-
P89LPC9351 v.1
P89LPC9351 v.1
20081119
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com