Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD60R385CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD60R385CP
Description  CoolMOS Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R385CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD60R385CP_09 Datasheet HTML 1Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 2Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 3Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 4Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 5Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 6Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 7Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 8Page - Infineon Technologies AG IPD60R385CP_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPD60R385CP
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
Z thJC=f(t P)
I D=f(V DS); T j=25 °C
parameter: D=t p/T
parameter: V GS
0
20
40
60
80
100
0
40
80
120
160
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
5
10
15
20
25
0
5
10
15
20
V DS [V]
limited by on-state
resistance
Rev. 2.2
page 4
2009-04-15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com