Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVF250 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # AVF250
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AVF250 Datasheet(HTML) 2 Page - Advanced Semiconductor

  AVF250 Datasheet HTML 1Page - Advanced Semiconductor AVF250 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/2
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
AVF250
IMPEDANCE DATA
FREQ
ZIN (
Ω)
ZCL (
Ω)
960
1.0 + j3.5
1.9 – j1.8
1090
4.0 + j3.5
1.6 – j0.9
1215
2.2 + j2.2
1.4 – j1.1
PIN = 40 W
VCE = 50 V
1 = Collector
2 = Base
3 & 4 = Emitter
MIN IM U M
in ches / m m
.100 / 2.54
.110 / 2.79
.376 / 9.55
.395 / 10.03
B
C
D
E
F
G
A
M AXIM U M
.396 / 10.06
.407 / 10.34
.130 / 3.30
in ches / m m
.450 / 11.43
H
DIM
K
L
I
J
.640 / 16.26
.890 / 22.61
.004 / 0.10
.660 / 16.76
.910 / 23.11
.007 / 0.18
H
F
C
E
N
ØD
M
G
4x .062 x 45°
P
L
K
I
J
2X B
.025 x 45°
A
N
M
.118 / 3.00
.131 / 3.33
.020 / 0.51
.030 / 0.76
.193 / 4.90
.125 / 3.18
.395 / 10.03
.415 / 10.54
.072 / 1.83
.052 / 1.32
P
.230 / 5.84
1
2
3
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com