Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF245 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF245
Description  RF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF245 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF245 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVDSS
ID = 10 mA
65
V
IDSS
VDS = 28 V
VGS = 0 V
2.0
mA
IGSS
VDS = 0 V
VGS =
±20 V
1.0
µµµµA
VGS(th)
VDS = 10 V
ID = 10 mA
2.0
4.5
V
gfs
VDS = 10 V
ID = 1.5 A
1.2
1.9
S
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
125
75
7.0
pF
PG
ηηηη
D
VDS = 28 V
IDQ = 25 mA
Pout = 30 W
f = 150 MHz
13
50
16
60
dB
%
ψ
ψ
ψ
ψ
VSWR = 30:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
RF POWER MOSFET
N-Channel Enhancement Mode
BLF245
PACKAGE STYLE .380 4L FLG
1 = DRAIN
2 = GATE
3&4 = SOURCE
DESCRIPTION:
The
ASI BLF245 is a vertical D-MOS
transistor designed for large signal
amplifier applications in the VHF
frequency range.
FEATURES INCLUDE:
• PG = 13 dB Typical at 175 MHz
• 30:1 Load VSWR Capability
• Omnigold™ metalization system
MAXIMUM RATINGS
ID
6.0 A
VDS
65 V
VGS
±20 V
PDISS
68 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
1.8 °C/W


Similar Part No. - BLF245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF245 PHILIPS-BLF245 Datasheet
91Kb / 12P
VHF power MOS transistor
September 1992
BLF245 NXP-BLF245 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
VHF push-pull power MOS transistor
September 1992
BLF245B NXP-BLF245B Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
VHF push-pull power MOS transistor
More results

Similar Description - BLF245

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
RF POWER MOSFET
logo
IXYS Corporation
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
RF Power MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
RF POWER MOSFET
logo
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
RF Power MOSFET
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
RF Power MOSFET
DE375-501N21A IXYS-DE375-501N21A_09 Datasheet
152Kb / 5P
RF Power MOSFET
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
RF Power MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com