Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF522 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF522
Description  UHF POWER MOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF522 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF522 Datasheet HTML 1Page - Advanced Semiconductor BLF522 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
IDS = 20 mA
40
V
IDSS
VDS = 12.5 V
0.4
mA
IGSS
VDS = 0 V
±V
GS = 30 V
1.0
µA
VGS
VGS = 40 V
IDS = 40 mA
1.0
7.0
V
gM
VDS = 10 V
VGS = 5.0 V
0.4
Mho
RDS(on)
VGS = 20 V
IDS = 3.2 A
1.2
Ω
Ω
Ω
Ω
IDsat
VDS = 10 V
VGS = 20 V
4.6
A
UHF POWER MOS TRANSISTOR
BLF522
DESCRIPTION:
The
ASI BLF522 is Designed for
communications transmitter
applications in the UHF frequency
range.
FEATURES:
• Designed for broadband operation.
• High power gain
• Omnigold™ Metalization System
MAXIMUM RATINGS
VDS
50 V
±±±±V
GS
30 V
VDG
50 V
ID
1.6 A
PDISS
30 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
6.0 °C/W
PACKAGE STYLE .230 6L FLG
1 & 2 Source 3 Gate 4 Drain 5 & 6 Source
MINIMUM
inches / mm
.115 / 2.92
.225 / 5.72
.075 / 1.91
.090 / 2.29
.720 / 18.29
B
C
D
E
F
G
A
MAXIMUM
.085 / 2.16
.110 / 2.79
.730 / 18.54
.235 / 5.97
inches / mm
.125 / 3.18
H
.355 / 9.02
DIM
K
L
I
J
.004 / 0.10
.120 / 3.05
.230 / 5.84
.006 / 0.15
.130 / 3.30
.260 / 6.60
K
4X .025 R
.040x45°
.115
I
.125
E
.430 D
H
G
F
J
C
A
B
2XØ .130
L
.160 / 4.06
.180 / 4.57
.980 / 24.89
.970 / 24.64
.355 / 9.02
.365 / 9.27
.365 / 9.27
2
4
6
1
3
5


Similar Part No. - BLF522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF522 PHILIPS-BLF522 Datasheet
71Kb / 12P
UHF power MOS transistor
September 1992
More results

Similar Description - BLF522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF404 PHILIPS-BLF404 Datasheet
114Kb / 16P
UHF power MOS transistor
1998 Jan 29
BLF521 PHILIPS-BLF521 Datasheet
90Kb / 14P
UHF power MOS transistor
November 1992
BLF522 PHILIPS-BLF522 Datasheet
71Kb / 12P
UHF power MOS transistor
September 1992
BLF542 PHILIPS-BLF542 Datasheet
101Kb / 12P
UHF power MOS transistor
October 1992
BLF543 PHILIPS-BLF543 Datasheet
96Kb / 14P
UHF power MOS transistor
October 1992
BLF544 PHILIPS-BLF544 Datasheet
117Kb / 16P
UHF power MOS transistor
1998 Jan 21
logo
New Jersey Semi-Conduct...
BLF521 NJSEMI-BLF521 Datasheet
109Kb / 3P
UHF power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF404 JMNIC-BLF404_15 Datasheet
101Kb / 16P
UHF power MOS transistor
BLF521 JMNIC-BLF521_15 Datasheet
77Kb / 14P
UHF power MOS transistor
BLF542 JMNIC-BLF542_15 Datasheet
86Kb / 12P
UHF power MOS transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com