Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT026D103MAT4D Datasheet(PDF) 2 Page - AVX Corporation

Part # UT026D103MAT4D
Description  UltraThin Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UT026D103MAT4D Datasheet(HTML) 2 Page - AVX Corporation

  UT026D103MAT4D Datasheet HTML 1Page - AVX Corporation UT026D103MAT4D Datasheet HTML 2Page - AVX Corporation UT026D103MAT4D Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
UltraThin Ceramic Capacitors
UT Series Specifications and Test Methods – Cu Termination
Parameter/Test
Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +85ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
Freq.: 1.0 kHz ± 10%
Dissipation Factor
≤ 3.0% for ≥ 25V DC rating
Voltage: 1.0Vrms ± .2V
≤ 12.5% for ≤ 16V DC rating
Insulation Resistance
100 MΩ - μF
Charge device with rated voltage for
120 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, with charge and discharge
current limited to 50 mA (max)
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
≤ ±12%
Flexure
Dissipation
Meets Initial Values (As Above)
Stresses
Factor
Insulation
≥ Initial Value x 0.3
Resistance
Appearance
No visual defects
Capacitance
Variation
≤ ±20%
Dissipation
≤ Initial Value x 2.0 (As Above)
Load Life
Factor
Insulation
≥ Initial Value x 0.3 (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Charge device with 1.5X rated voltage
in test chamber set at
85ºC ± 2ºC for 1000 hours (+48, -0)
Remove from test chamber and stabilize
at room temperature for 24 ± 2 hours
before measuring.
1mm/sec
90 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com