Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT023D103MAT2E Datasheet(PDF) 1 Page - AVX Corporation

Part # UT023D103MAT2E
Description  UltraThin Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UT023D103MAT2E Datasheet(HTML) 1 Page - AVX Corporation

  UT023D103MAT2E Datasheet HTML 1Page - AVX Corporation UT023D103MAT2E Datasheet HTML 2Page - AVX Corporation UT023D103MAT2E Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
UltraThin Ceramic Capacitors
UT Series
The Ultrathin (UT) series of ceramic capacitors is a new product offering from AVX. The UT
series was designed to meet the stringent thickness requirements of our customers. AVX
developed a new termination process (FCT - Fine Copper Termination) that provides
unbeatable flatness and repeatability. The series includes products < 0.35mm in height
and is targeted for applications such as Smart cards, Memory modules, High Density SIM
cards, Mobile phones, MP3 players, and embedded solutions.
HOW TO ORDER
UT
Style
Ultra
Thin
02
Case
Size
0402
D
Temperature
Characteristic
X5R
M
Cap
Tolerance
± 20%
A
Termination
Style
Commercial
T
Termination
T = 100% Sn
C = Cu
2
Packaging
2 = 7" Reel
15,000 pcs
4 = 13" Reel
50,000 pcs
D
Thickness
D = 0.30mm max
E = 0.25mm max
F = 0.15mm max
(only availabe in
Cu Termination)
Thickness
L
W
T
BL
D
1.00 ± 0.10
0.50 ± 0.10
0.25 ± 0.05
0.27 ± 0.05
(0.039±0.004)
(0.020 ± 0.004)
(0.010 ± 0.002)
(0.0108 ± 0.002)
E
1.00 ± 0.10
0.50 ± 0.10
0.20 ± 0.05
0.27 ± 0.05
(0.039±0.004)
(0.020 ± 0.004)
(0.008 ± 0.002)
(0.0108 ± 0.002)
F
1.00 ± 0.10
0.50 ± 0.10
0.125 ± 0.025
0.27 ± 0.05
(0.039±0.004)
(0.020 ± 0.004)
(0.005 ± 0.001)
(0.0108 ± 0.002)
PART DIMENSIONS
inches (mm)
RECOMMENDED SOLDER
PAD DIMENSIONS (Sn Termination)
mm (inches)
0.50
(0.020)
0.50
(0.020)
0.60
(0.024)
1.70
(0.067)
Cap Code
6.3V
10V
16V
25V
103
F
E
E
D
223
D
D
CAP RANGE (THICKNESS CODE)
TT
µM
10.0 ± 4.00
mil
0.40 ± 0.16
TYPICAL Cu THICKNESS
Top View
BL
L
End View
Side View
WL
BL
T
3
Rated
Voltage
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
103
Coded
Cap
(in pF)
2 Significant
Digits + Number
of Zeros
TT


Similar Part No. - UT023D103MAT2E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
UT0.6UCRH AEROFLEX-UT0.6UCRH Datasheet
108Kb / 16P
Commercial RadHardTM Gate Array Family
logo
SHENZHEN DOINGTER SEMIC...
UT0016 DOINGTER-UT0016 Datasheet
942Kb / 3P
N-Channel MOSFET uses advanced trench technology
UT0020A DOINGTER-UT0020A Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Everlight Electronics C...
UT01-P01 EVERLIGHT-UT01-P01 Datasheet
128Kb / 9P
High Power Lamp
12-20-2005
More results

Similar Description - UT023D103MAT2E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
UltraThin™ LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
UltraThin™ LEDs
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
Cree® UltraThin™LED
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
Cree UltraThin Gen III LEDs
logo
Cree, Inc
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
Cree UltraThin LED
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
UltraThin LEDs
C460UT230-0105 CREE-C460UT230-0105 Datasheet
269Kb / 4P
UltraThin LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
UltraThin??Gen III LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com