Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV57 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLV57
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLV57 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLV57 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 25 mA
27
V
BVCES
IC = 10 mA
50
V
BVEBO
IE = 5.0 mA
3.5
V
ICES
VE = 27 V
10
mA
hFE
VCE = 25 V
IC = 850 mA
15
---
fT
VCB = 25 V
IE = 1.7 A
VCB = 25 V
IE = 850 mA
2.5
2.5
GHz
PG
IMD1
VCE = 25 V
IC = 850 mA
f = 860 MHz
POUT = 6.0 W
8.0
-60
dB
dBc
NPN SILICON RF POWER TRANSISTOR
BLV57
DESCRIPTION:
The
ASI BLV57 is Designed for use
as push-pull amplifier, primarily in
linear UHF TV transmitting
Applications.
FEATURES:
• Input Matching Network
• Common emitter
• Omnigold™ Metalization System
with eutectic die bonding
MAXIMUM RATINGS
IC
2.0 A
VCESM
50 V
VCE
27 V
PDISS
77 W @ TC = 25 C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
2.27 °C/W
PACKAGE STYLE .400 8L FLG
ORDER CODE: ASI10646
MIN IMU M
inche s / m m
.115 / 2.92
.065 / 1.65
.380 / 9.65
B
C
D
E
F
G
A
MA X IMU M
.125 / 3.18
.390 / 9.91
.075 / 1.91
inche s / m m
H
.645 / 16 .3 8
.655 / 16 .6 4
DIM
K
L
I
J
.895 / 22 .7 3
.420 / 10 .6 7
.120 / 3.05
.905 / 22 .9 9
.430 / 10 .9 2
.130 / 3.30
O
N
M
.395 / 10 .0 3
.159 / 4.04
.405 / 10 .2 9
.175 / 4.45
.003 / 0.08
.007 / 0.18
.280 / 7.11
.130 / 3.30
D
K
E
.125
F
G
.19 25
J
I
H
N
L M
4 x .0 60 R
FU LL R
A
B
C
O
.360 / 9.14
.030 / 0.76
.735 / 18 .6 7
.765 / 19 .4 3


Similar Part No. - BLV57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV57 PHILIPS-BLV57 Datasheet
152Kb / 24P
UHF linear push-pull power transistor
1998 Feb 09
logo
New Jersey Semi-Conduct...
BLV57 NJSEMI-BLV57 Datasheet
82Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - BLV57

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com