Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1266 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1266
Description  AM/FM Tuner System Of Electronic Tuning Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1266 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1266 Datasheet HTML 1Page - Sanyo Semicon Device LA1266 Datasheet HTML 2Page - Sanyo Semicon Device LA1266 Datasheet HTML 3Page - Sanyo Semicon Device LA1266 Datasheet HTML 4Page - Sanyo Semicon Device LA1266 Datasheet HTML 5Page - Sanyo Semicon Device LA1266 Datasheet HTML 6Page - Sanyo Semicon Device LA1266 Datasheet HTML 7Page - Sanyo Semicon Device LA1266 Datasheet HTML 8Page - Sanyo Semicon Device LA1266 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Operating Characteristics at Ta=25°C, VCC=8.5V, See Test Circuit.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
[AM : fc=1MHz, fm=1kHz]
Quiescent current
Icco
No input
22
30
mA
Detection output
VO1
VIN=20dBµ, 30% mod.
30
60
110
mV
VO2
VIN=80dBµ, 30% mod.
90
150
210
mV
Signal to noise ratio
S/N1
VIN=20dBµ
15
19
dB
S/N2
VIN=80dBµ
49
54
dB
Total harmonic distortion
THD1
VIN=80dBµ, 30% mod.
0.3
1.0
%
THD2
VIN=107dBµ, 30% mod.
0.3
1.0
%
Signal meter output
VSM1
No input
0
0
0.2
V
VSM2
VIN=80dBµ
1.8
2.8
3.5
V
LED drive sensitivity
LED-ON
ILED=1mA
13
23
33
dBm
Local OSC buffer output
VOSC
fosc=1.45MHz
220
280
340
mV
IF buffer output
VIF
VIN=20dBµ
120
180
250
mV
[FM : fc=10.7MHz, fm=1kHz]
Quiescent current
Icco
No input
29
40
mA
Input limiting sensitivity
–3dBL.S.
3dB down, 100% mod.
31
37
dBµ
Demodulation output
VO
VIN=100dBµ, 100% mod.
270
390
540
mV
S/N ratio
S/N
VIN=100dBµ
78
84
dB
Total harmonic distortion
THD
VIN=100dBµ, 100% mod.
0.03
0.3
%
Signal meter output
VSM1
No input
0
0
0.2
V
VSM2
VIN=100dBµ
1.7
2.3
3.1
V
LED drive sensitivity
LED-ON
ILED=1mA
46
61
76
dBµ
LED drive bandwidth
LED-BW
VIN=100dBµ, ILED=1mA
70
105
140
kHz
AM rejection ratio
AMR
VIN=100dBµ, 100% mod.
45
58
dB
AM-1kHz, 30% mod.
IF buffer output
VIF
VIN=50dBµ
110
160
230
mV
Equivalent Circuit Block Diagram
LA1266
No.2291-2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com