Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBSL6 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # CBSL6
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL6 Datasheet(HTML) 2 Page - Advanced Semiconductor

  CBSL6_07 Datasheet HTML 1Page - Advanced Semiconductor CBSL6_07 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/2
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
CBSL6
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
PG
ηηηη
C
VCC = 24 V
ICQ = 25 mA
f = 850-960 MHz
POUT = 6.0 W
PIN = 0.6 W
10
12
50
---
dB
%
IMPEDANCE DATA
FREQ
ZIN(
Ω)
ZCL(
Ω)
850 MHz
2.6 + j5.4
9.5 + j1305
900 MHz
303 + j6.1
909 + j15.0
950 MHz
4.6 + j5.9
806 + j13.0
1 = Collector
2 = Base
3 = Emitter
MI N I MU M
in c hes / m m
. 1 15 / 2.92
. 2 25 / 5.72
. 0 75 / 1.91
. 0 90 / 2.29
. 7 20 / 18.29
B
C
D
E
F
G
A
M AXI M U M
. 0 85 / 2.16
. 1 10 / 2.79
. 7 30 / 18.54
. 2 35 / 5.97
in c hes / m m
. 1 25 / 3.18
H
. 3 55 / 9.02
DI M
K
L
I
J
. 0 04 / 0.10
. 1 20 / 3.05
. 2 30 / 5.84
. 0 06 / 0.15
. 1 30 / 3.30
. 2 60 / 6.60
K
4X . 025 R
. 0 40x 45°
.1 1 5
I
.1 2 5
E
. 4 30
D
H
G
F
J
C
A
B
2X Ø .130
L
. 1 60 / 4.06
. 1 80 / 4.57
. 9 80 / 24.89
. 9 70 / 24.64
. 3 55 / 9.02
. 3 65 / 9.27
. 3 65 / 9.27
1
2
3
3
3
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com