Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBSL30 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # CBSL30
Description  NPN SILICON RF POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL30 Datasheet(HTML) 2 Page - Advanced Semiconductor

  CBSL30_07 Datasheet HTML 1Page - Advanced Semiconductor CBSL30_07 Datasheet HTML 2Page - Advanced Semiconductor CBSL30_07 Datasheet HTML 3Page - Advanced Semiconductor CBSL30_07 Datasheet HTML 4Page - Advanced Semiconductor CBSL30_07 Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/5
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
CBSL30
VSWR1
VCE = 25 V
VSWR = 20:1
VCE = 25 V
± 20%
VSWR = 10:1
No Degradation in
Output Device
Typ.
VSWR2
VCE = 25 V
± 20%
VSWR = 5:1
PIN = PIN (norm) +3 dB
No Degradation in
Output Device
Typ.
OVD
VCE = 25 V
PIN (norm) = +5 dB
VCE = 25 V
± 20%
PIN (norm) = +3 dB
No Degradation in
Output Device
Typ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com