Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBSL60B Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # CBSL60B
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CBSL60B Datasheet(HTML) 1 Page - Advanced Semiconductor

  CBSL60B Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
60
V
BVCEO
IC = 100 mA
28
V
BVEBO
IE = 20 mA
3.5
V
ICEO
VCE = 25 V
30
mA
hFE
VCE = 5.0 V
IC =3.0 A
25
80
---
PG
VCC = 26 V
ICQ = 2 X 200 mA
f = 960 MHz
POUT = 60 W
8.5
dB
VSRW
VCC = 26 V
f = 960 MHz
5:1
---
NPN SILICON RF POWER TRANSISTOR
CBSL60B
DESCRIPTION:
The
ASI CBSL60B is Designed for
Class AB, Cellular Base Station
Applications up to 960 MHz.
FEATURES:
• Internal Input/Output Matching Networks
• P
G = 8.5 dB at 60 W/960 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
8.0 A
VCBO
60 V
VCEO
28 V
VEBO
3.5 V
PDISS
146 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.2 °C/W
PACKAGE STYLE .450 BAL FLG (A)
ORDER CODE: ASI10584
MINIMUM
inches / mm
.455 / 11.56
B
C
D
E
F
G
A
MAXIMUM
.120 / 3.05
.465 / 11.81
inches / mm
H
DIM
L
M
J
K
1.095 / 27.81
.002 / 0.05
.080 . 2.03
1.105 / 28.07
.005 / 0.15
.095 / 2.41
P
N
.455 / 11.56
.195 / 4.95
.445 / 11.30
.055 / 1.40
.065 / 1.65
K
J
G
H
F
C
D
E
L
M
N
P
.060x45°
B
A
FULL R
.100x45°
.130 / 3.30
.785 / 19.94
.055 / 1.40
.230 / 5.84
.525 / 13.34
.535 / 13.59
.120 / 3.05
.130 / 3.30
.838 / 21.28
.850 / 21.59


Similar Part No. - CBSL60B

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
CBSL60B ASI-CBSL60B Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - CBSL60B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com