Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2397 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # CD2397
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

CD2397 Datasheet(HTML) 1 Page - Advanced Semiconductor

  CD2397 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 15 mA
50
V
BVEBO
IE = 10 mA
4.0
V
hFE
VCE = 5.0 V
IC = 200 mA
10
---
η
C
POUT
VCC = 43 V
PIN = 27 W
f = 1090 MHz
PW = 10 µS
40
150
%
W
NPN SILICON RF POWER TRANSISTOR
CD2397
DESCRIPTION:
The
ASI CD2397 is a common base
NPN Bipolar Microwave Transistor. It
is designed for Pulse Applications
within the 960 to 1215 MHz Avionics
frequency range.
FEATURES:
• Common Base Pulse at 43V
• All gold metallization with emitter
ballast resistors for maximum reliability
and superior ruggedness.
• DME Cycle. Internal input Matched.
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
5.0 A
VCES
50 V
VEBO
4.0 V
PDISS
300 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
0.60 °C/W
PACKAGE STYLE .230 2L FLG
1 = COLLECTOR
2 = BASE
3 = EMITTER


Similar Part No. - CD2397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2399 ETC2-CD2399 Datasheet
300Kb / 6P
Reverberant Reverberant Sound Processor
logo
Shenzhenshi YONGFUKANG ...
CD2399 YONGFUKANG-CD2399 Datasheet
542Kb / 7P
Audio reverberation circuit
logo
List of Unclassifed Man...
CD2399 ETC-CD2399 Datasheet
338Kb / 9P
Reverb processor chip
2012-01
CD2399GO ETC2-CD2399GO Datasheet
482Kb / 5P
Echo Processor
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
Echo Processor
More results

Similar Description - CD2397

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com