Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB034N03L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB034N03L
Description  OptiMOS?? Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB034N03L Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB034N03L Datasheet HTML 1Page - Infineon Technologies AG IPB034N03L Datasheet HTML 2Page - Infineon Technologies AG IPB034N03L Datasheet HTML 3Page - Infineon Technologies AG IPB034N03L Datasheet HTML 4Page - Infineon Technologies AG IPB034N03L Datasheet HTML 5Page - Infineon Technologies AG IPB034N03L Datasheet HTML 6Page - Infineon Technologies AG IPB034N03L Datasheet HTML 7Page - Infineon Technologies AG IPB034N03L Datasheet HTML 8Page - Infineon Technologies AG IPB034N03L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPP034N03L G
IPB034N03L G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
94
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.6
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm² cooling area
4)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1
-
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
R DS(on)
V GS=4.5 V, I D=30 A
-
3.8
4.7
m
Ω
V GS=10 V, I D=30 A
-
2.8
3.4
Gate resistance
R G
-
1.6
-
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
50
100
-
S
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
5) Measured from drain tab to source pin
3) See figure 13 for more detailed information
Value
Values
2) See figure 3 for more detailed information
Drain-source on-state resistance
5)
Rev. 2.0
page 2
2010-02-19



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com