Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU82566DM Datasheet(PDF) 21 Page - Intel Corporation

Part # RU82566DM
Description  82566 Gigabit Platform LAN Connect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RU82566DM Datasheet(HTML) 21 Page - Intel Corporation

Back Button RU82566DM Datasheet HTML 17Page - Intel Corporation RU82566DM Datasheet HTML 18Page - Intel Corporation RU82566DM Datasheet HTML 19Page - Intel Corporation RU82566DM Datasheet HTML 20Page - Intel Corporation RU82566DM Datasheet HTML 21Page - Intel Corporation RU82566DM Datasheet HTML 22Page - Intel Corporation RU82566DM Datasheet HTML 23Page - Intel Corporation RU82566DM Datasheet HTML 24Page - Intel Corporation RU82566DM Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
82566 Gigabit Platform LAN Connect Networking Silicon Datasheet
17
3.5.2.6
PNP Transistor Specification for 1.0V DC LVR
3.5.3
Crystal
Table 21 lists the recommended crystal specifications for operation with the 82566.
Table 20. PNP Specification for 1.0V DC LVR
PNP
Connection
Description
Symbol
Min
Typ
Max
Units
PNP
Transistor for
1.0V DC LVR
dc Gaina
a. Vce = -1.0 V DC; Ic = 0.5 A; T = 25
°C.
β
60
-
400
-
Transition Frequency
fT
-
40
-
MHz
Thermal Resistance Junction to
Ambientb
b. The thermal resistance feature depends on the PNP package along with the board layout including: number of layers, layer
thickness, copper area for collector pad, and component locations.
Rt_ja
-
-
60
°C/W
Maximum Operation Junction
Temperature
Tj_max
-
-
150
°C
Maximum Collector Current
Ic_max
-
-
1
A
Maximum Power Dissipationc
c.
Ta = 70
°C; Vin = 3.6 V DC; Vout = 0.95 V DC; I = 0.4 A
Pmax
-
-
1.1
W
Table 21. Crystal Specifications (Sheet 1 of 2)
Parameter Name
Symbol
Recommended Value
Max/Min Range
Conditions
Frequency
fo
25.000 MHz
-
@25 °C
Vibration mode
-
Fundamental
-
-
Cut
-
AT
-
-
Operating/Calibration
Mode
-
Parallel
-
-
Frequency Tolerance
∆f/fo @25°C
±30 ppm
a
@25 °C
Temperature Tolerance
∆f/fo
±30 ppm
a
-
Operating Temperature
Topr
-20 to +70 °C
a
-
Non Operating
Temperature
Topr
-40 to +90 °C
-
-
Equivalent Series
Resistance (ESR)
Rs
10
Ω
50
Ω
@25 MHz
Load Capacitance
Cload
20 pF (max 24 pF)
a
-
Shunt Capacitance
Co
6 pF
a
-
Pullability from Nominal
Load Capacitance
∆f/Cload
15 ppm/pF max
-
-
Max Drive Level
DL
500
µW-
-
Insulation Resistance
IR
500 M
Ω min
@ 100V DC
Aging
∆f/fo
±5 ppm per year
±5 ppm per year
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com