Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2744 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2744
Description  High Speed Single Supply Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2744 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2744 Datasheet HTML 1Page - New Japan Radio NJM2744 Datasheet HTML 2Page - New Japan Radio NJM2744 Datasheet HTML 3Page - New Japan Radio NJM2744 Datasheet HTML 4Page - New Japan Radio NJM2744 Datasheet HTML 5Page - New Japan Radio NJM2744 Datasheet HTML 6Page - New Japan Radio NJM2744 Datasheet HTML 7Page - New Japan Radio NJM2744 Datasheet HTML 8Page - New Japan Radio NJM2744 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2744
Maximum Output Voltage vs. Temperature
V
+/V-=±15V, Gv=open, R
L=2k, RL to 0V
-16
-12
-8
-4
0
4
8
12
16
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Maximum Output Voltage vs. Temperature
V
+=+5V, Gv=open, R
L=2k, RL to 0V
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Gain vs. Frequency (Temperature)
V
+/V-=±15V, G
V=40dB, RS=20Ω, RF=2kΩ,
RT=50Ω, RL=2kΩ, CL=100pF, VIN=0.02Vpp
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Ta=85ºC
Ta=25ºC
Ta=-40ºC
Gain vs. Frequency (Load Capacitance)
V
+/V-=±15V, G
V=40dB, RS=20Ω, RF=2kΩ,
RT=50Ω, RL=10kΩ, VIN=0.01Vpp, Ta=25ºC
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
CL=50p
CL=0p
CL=100p
CL=1000p
CL=1000p
CL=100p
CL=50p
CL=0p
V.F. Peak vs. Frequency (Load Capacitance)
V
+/V-=±15V, G
V=0dB, RS=open, RF=0, RT=50Ω,
RL=10kΩ, VIN=0.02Vpp, Ta=25ºC
-40
-30
-20
-10
0
10
20
1k
10k
100k
1M
10M
100M
Frequency [Hz]
CL=50p
CL=0p
CL=100p
CL=1000p
V.F. Peak vs. Frequency (Temperature)
V
+/V-=±15V, G
V=0dB, RS=open, RF=0, RT=50Ω,
RL=2kΩ, CL=100pF, VIN=0.02Vpp
-40
-30
-20
-10
0
10
20
1k
10k
100k
1M
10M
100M
Frequency [Hz]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Ver.2010-07-22
- 7 -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com