Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU72011 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU72011
Description  2Vrms Ground Referenced Stereo Line Amplifier with LPF
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU72011 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU72011 Datasheet HTML 5Page - New Japan Radio NJU72011 Datasheet HTML 6Page - New Japan Radio NJU72011 Datasheet HTML 7Page - New Japan Radio NJU72011 Datasheet HTML 8Page - New Japan Radio NJU72011 Datasheet HTML 9Page - New Japan Radio NJU72011 Datasheet HTML 10Page - New Japan Radio NJU72011 Datasheet HTML 11Page - New Japan Radio NJU72011 Datasheet HTML 12Page - New Japan Radio NJU72011 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NJU72011
– 9 –
APPLICATION NOTE
The NJU72011 is an audio line amplifier that eliminates the need for external dc-blocking output capacitors.
The NJU72011 has built-in pop suppression circuitry to eliminate disturbing pop noise during power-on,
power-off and mute-control.
1. Operating Principle
The NJU72011 has the built-in non-inverted input operational amplifiers, voltage inverter, and pop noise
suppression circuitry (Fig.1).
The voltage inverter for NJU72011 eliminates the need for external dc-blocking output capacitors. The pop
suppression circuitry for NJU72011 eliminates the pop noise during power-on, power-off and mute-control.
Fig.1 The NJU72011 functional block diagram
1.1 External parts
1.1.1 Input coupling capacitors Ci (C2, C8)
The input coupling capacitor (Ci) and the total of the external resistance (R1, R3) and the input
resistance (Rin=218kΩ typ.) for the non-inverted terminal form a high-pass filter with the corner
frequency determined in [fc=1/(2
π x (R1+218kΩ) x Ci)). It is necessary to adjust 1uF or more.
Mute-Tr
Mute-Tr
1uF
+
10uF
V+
1uF 1kΩ
820pF
Charge
Pump
2
Bias
INL
OUTL
V+
CP
CN
INR
OUTR
GND
MUTE
1uF
1kΩ
820pF
10uF
4.7uF
22kΩ
3
4
5
1
9
8
7
6
10
V-
Pop Noise
Suppression
+
R1
C2
C3
C11
C4
C6
C7
R2
C9
R3
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com