Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FYLP-5W-URL Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-5W-URL
Description  HIGH POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-5W-URL Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-5W-URL Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-URL Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-URL Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HIGH
POWER
Typical Optical/Electrical Characteristics@TJ=25℃
Item
symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=1.2A
2.0
2.8
V
Reverse Current
IR
VR=5V
50
uA
50% Power Angle
2θ1/2
IF=1.2mA
100
110
120
deg
Luminous Intensity
Фv
IF=1.2mA
70
80
-
LM
Recommend Forward Current
IF
1.2
A
Wave length
λd
IF=1.2A
620
625
630
nm
Thermal Resistance,Junction to
Case
Rjp
IF=1.2A
18
℃/W
Notes: 1. Tolerance of measurement of
forward voltage±0.1v
2. Tolerance of measurement of peak Wavelength ±2.0nm
3. Tolerance of measurement of luminous intensity ±15%.
Absolute Maximum Rating
Item
symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1.2
A
Peak Forward Current*
IFD
1.3
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
5
W
Operation
Temperature
TOPR
-30℃ to +80℃
Storage Temperature
TSTG
-40℃ to +100℃
Lead Soldering Temperature*
TSOL
260℃ for 3 Seconds Max
IFP Conditions :Pulse Width≤10 msec duty≤1/10
All high Power emitter LED products mounted on aluminum metal-core printed circuit board, can be lighted
directly ,but we do not recommend lighting the high power products for more than 5 seconds without a
directly,but we do not recommend lighting the high powe products for more than 5 seconds without a
appropriate heat dissipation equipment.
Re-flow, wave peak and soak-stannum soldering etc. is not suitable for this products.
Sueggest to solder it by professional high power LED soldering machine.
Can use invariable –temperature searing-iron with soldering condition: ≤260 degreen less than 3 seconds.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com