Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFSL4127PbF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFSL4127PbF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4127PbF Datasheet(HTML) 2 Page - International Rectifier

  IRFSL4127PbF Datasheet HTML 1Page - International Rectifier IRFSL4127PbF Datasheet HTML 2Page - International Rectifier IRFSL4127PbF Datasheet HTML 3Page - International Rectifier IRFSL4127PbF Datasheet HTML 4Page - International Rectifier IRFSL4127PbF Datasheet HTML 5Page - International Rectifier IRFSL4127PbF Datasheet HTML 6Page - International Rectifier IRFSL4127PbF Datasheet HTML 7Page - International Rectifier IRFSL4127PbF Datasheet HTML 8Page - International Rectifier IRFSL4127PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL4127PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.26mH
RG = 25Ω, IAS = 44A, VGS =10V. Part not recommended for use
above this value .
ƒ ISD ≤ 44A, di/dt ≤ 760A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C
‰ RθJC value shown is at time zero
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.23
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
18.6
22
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
3.0
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
79
–––
–––
S
Qg
Total Gate Charge
–––
100
150
Qgs
Gate-to-Source Charge
–––
30
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
31
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
69
–––
td(on)
Turn-On Delay Time
–––
17
–––
tr
Rise Time
–––
18
–––
td(off)
Turn-Off Delay Time
–––
56
–––
tf
Fall Time
–––
22
–––
Ciss
Input Capacitance
–––
5380
–––
Coss
Output Capacitance
–––
410
–––
Crss
Reverse Transfer Capacitance
–––
86
–––
pF
Coss eff. (ER) Effective Output Capacitance (Energy Related)h ––– 360 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
590
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
76
(Body Diode)
ISM
Pulsed Source Current
–––
–––
300
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
136
–––
TJ = 25°C
VR = 100V,
–––
139
–––
TJ = 125°C
IF = 44A
Qrr
Reverse Recovery Charge
–––
458
–––
TJ = 25°C
di/dt = 100A/µs
f
–––
688
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
8.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
nC
µA
nA
nC
ns
A
ns
ID = 44A
RG = 2.7Ω
VGS = 10V f
VDD = 130V
ID = 44A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 44A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 44A f
VDS = VGS, ID = 250µA
VDS = 200V, VGS = 0V
VDS = 200V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 100V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz (See Fig.5)
VGS = 0V, VDS = 0V to 160V h(See Fig.11)
VGS = 0V, VDS = 0V to 160V g
Conditions
VDS = 50V, ID = 44A
ID = 44A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com