Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7141R Datasheet(PDF) 7 Page - International Rectifier

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7141R Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIPS7141R Datasheet HTML 3Page - International Rectifier AUIPS7141R Datasheet HTML 4Page - International Rectifier AUIPS7141R Datasheet HTML 5Page - International Rectifier AUIPS7141R Datasheet HTML 6Page - International Rectifier AUIPS7141R Datasheet HTML 7Page - International Rectifier AUIPS7141R Datasheet HTML 8Page - International Rectifier AUIPS7141R Datasheet HTML 9Page - International Rectifier AUIPS7141R Datasheet HTML 10Page - International Rectifier AUIPS7141R Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUIPS7141R
Current sensing accuracy
Ifb
Iout
Ifb leakage
Ifb2
Ifb1
Iout2
Iout1
I offset
)/( Ifb2 – Ifb1)
Iout1
the system will depends on the variation of
the I offset and the ratio over the temperature range. The
Ratio_TC specified in page 4.
on the Rdson :
set@25°C / 1.9
Maximum Vcc voltage with short circuit protection
rt circuit is the maximum voltage for which the part is able to protect itself under test
of short circuits are considered : terminal and load short circuit.
L SC
R SC
The current sensing is specified by measuring 3 points :
- Ifb1 for Iout1
- Ifb2 for Iout2
- Ifb leakage for Iout=0
The parameters in the datasheet are computed with the following formula :
Ratio = ( Iout2 – Iout1
I offset = Ifb1 x Ratio –
This allows the designer to evaluate the Ifb for any Iout value using :
Ifb = ( Iout + I offset ) / Ratio if Ifb > Ifb leakage
For some applications, a calibration is required. In that case, the accuracy of
ratio variation is given by
The Ioffset variation depends directly
I offset@-40°C= I offset@25°C / 0.8
I offset@150°C= I off
The maximum Vcc voltage with sho
conditions representative of the application. 2 kind
Terminal SC
0.1 µH
10 mohm
Load SC
10 µH
100 mohm
Out
IPS
Vcc
L SC
L s
5µ
upply
H
R supply
10mohm
R SC
www.irf.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com