Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2460CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2460CMS
Description  Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2460CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC2460CMS Datasheet HTML 1Page - Linear Technology LTC2460CMS Datasheet HTML 2Page - Linear Technology LTC2460CMS Datasheet HTML 3Page - Linear Technology LTC2460CMS Datasheet HTML 4Page - Linear Technology LTC2460CMS Datasheet HTML 5Page - Linear Technology LTC2460CMS Datasheet HTML 6Page - Linear Technology LTC2460CMS Datasheet HTML 7Page - Linear Technology LTC2460CMS Datasheet HTML 8Page - Linear Technology LTC2460CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2460/LTC2462
2
24602f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage
(IN+, IN–, IN, REF–,
COMP, REFOUT) ............................ –0.3V to (VCC + 0.3V)
Digital Voltage
(VSDI, VSDO, VSCK, VCS)................. –0.3V to (VCC + 0.3V)
(Notes 1, 2)
ORDER INFORMATION
Storage Temperature Range................... –65°C to 150°C
Operating Temperature Range
LTC2460C/LTC2462C ............................... 0°C to 70°C
LTC2460I/LTC2462I.............................. –40°C to 85°C
LTC2462
LTC2462
TOP VIEW
DD PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
VCC
GND
IN–
IN+
REF–
GND
REFOUT
COMP
CS
SDI
SCK
SDO
6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GROUND CONNECTION OPTIONAL
1
2
3
4
5
6
REFOUT
COMP
CS
SDI
SCK
SDO
12
11
10
9
8
7
VCC
GND
IN–
IN+
REF–
GND
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
LTC2460
LTC2460
TOP VIEW
DD PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
VCC
GND
GND
IN
REF–
GND
REFOUT
COMP
CS
SDI
SCK
SDO
6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GROUND CONNECTION OPTIONAL
1
2
3
4
5
6
REFOUT
COMP
CS
SDI
SCK
SDO
12
11
10
9
8
7
VCC
GND
GND
IN
REF–
GND
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2460CDD#PBF
LTC2460CDD#TRPBF
LFDQ
12-Lead Plastic (3mm × 3mm) DFN
0°C to 70°C
LTC2460IDD#PBF
LTC2460IDD#TRPBF
LFDQ
12-Lead Plastic (3mm × 3mm) DFN
–40°C to 85°C
LTC2460CMS#PBF
LTC2460CMS#TRPBF
2460
12-Lead Plastic MSOP-12
0°C to 70°C
LTC2460IMS#PBF
LTC2460IMS#TRPBF
2460
12-Lead Plastic MSOP-12
–40°C to 85°C
LTC2462CDD#PBF
LTC2462CDD#TRPBF
LDXM
12-Lead Plastic (3mm × 3mm) DFN
0°C to 70°C
LTC2462IDD#PBF
LTC2462IDD#TRPBF
LDXM
12-Lead Plastic (3mm × 3mm) DFN
–40°C to 85°C
LTC2462CMS#PBF
LTC2462CMS#TRPBF
2462
12-Lead Plastic MSOP-12
0°C to 70°C
LTC2462IMS#PBF
LTC2462IMS#TRPBF
2462
12-Lead Plastic MSOP-12
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com