Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N918ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N918ADCSM
Description  ELECTRICAL CHARACTERISTICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N918ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N918ADCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N918ADCSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4065
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCB=15V
IE=0
10
nA
ICBO
Collector Cutoff Current
Ta=150°C
1
µA
V(BR)CBO
Collector – Base Breakdown Voltage
IC=1µA
IE=0
30
VCEO(sus)
Collector – Emitter Sustaining Voltage
IC=3mA
IB=0
15
V(BR)EBO
Emitter – Base Breakdown Voltage
IE=10µA
IC=0
3
VCE (sat)
Collector – Emitter Saturation Voltage
IC=10mA
IB=1mA
0.4
VBE (sat)
Base – Emitter Saturation Voltage
IC=10mA
IB=1mA
1.0
V
hFE
DC Current Gain
IC=3mA
VCE =1V
20
50
fT
Transition Frequency
IC=4mA
VCE =10V
f=100MHz
600
900
MHz
CEBO
Emitter – Base Capacitance
IC=0
VEB =0.5V
f=1MHz
2
CCBO
Collector – Base Capacitance
IE=0
VCE =0V
1.8
3
f=1MHz
VCE =10V
1
1.7
pF
NF
Noise Figure
IE=1mA
VCE =6V
Rg=400
f=60MHz
6
Gpe
Power Gain
IC=6mA
VCE =12V
Rg=50
f=200MHz
15
21
dB
* Pulsed: Pulse Duration = 300µs, duty cycle = 1.5%
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - 2N918ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N918ACSM SEME-LAB-2N918ACSM Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
More results

Similar Description - 2N918ADCSM

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4984 NJSEMI-1N4984 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4995 NJSEMI-1N4995 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N5555_1202 NJSEMI-1N5555_1202 Datasheet
292Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com