Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2894ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2894ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2894ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2894ADCSM Datasheet HTML 1Page - Seme LAB 2N2894ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2894ADCSM
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6621
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DUAL HIGH SPEED, MEDIUM POWER
PNP GENERAL PURPOSE TRANSISTOR
IN A HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FEATURES
• SILICON PLANAR EPITAXIAL DUAL PNP
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• CECC SCREENING OPTIONS AVAILABLE
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
For high reliablitity general purpose
applications requiring small size and low
weight devices.
VCBO
Collector Base Voltage
VCEO
Collector Emitter Voltage
VEBO
Emitter Base Voltage
IC
Collector Current
PD
Device Dissipation
PD
Derate above 50°C
Rja
Thermal Resistance Junction to Ambient
Tj
Max Junction Temperature
Tstg
Storage Temperature
–12V
–12V
–4.5V
–200mA
300mW
2mW / °C
420°C / W
500mW
3.3mW / °C
250°C / W
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS(T
case = 25°C unless otherwise stated)
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =
PAD 1 - Collector 1
PAD 2 - Base 1
PAD 3 - Base 2
PAD 4 - Collector 2
PAD 5 - Emitter 2
PAD 6 - Emitter 1
200°C
–65 to 200°C
PER SIDE
TOTAL


Similar Part No. - 2N2894ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2894A SEME-LAB-2N2894A Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
Central Semiconductor C...
2N2894A CENTRAL-2N2894A Datasheet
33Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2894A NJSEMI-2N2894A Datasheet
371Kb / 2P
20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Seme LAB
2N2894AC1 SEME-LAB-2N2894AC1 Datasheet
283Kb / 4P
HIGH SPEED PNP SILICON BIPOLAR TRANSISTOR
2N2894ACSM SEME-LAB-2N2894ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N2894ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
BCY70CSM SEME-LAB-BCY70CSM Datasheet
20Kb / 3P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Hitachi Semiconductor
2SD1520L HITACHI-2SD1520L Datasheet
373Kb / 2P
MEDIUM SPEED POWER AMPLIFIER
logo
List of Unclassifed Man...
2SD1608 ETC-2SD1608 Datasheet
43Kb / 1P
Medium Speed Power Switching
logo
Seme LAB
2N1132CSM SEME-LAB-2N1132CSM Datasheet
47Kb / 2P
HIGH SPEED MEDIUM POWER
2N2222ADCSM SEME-LAB-2N2222ADCSM_06 Datasheet
36Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER
2N2894CSM SEME-LAB-2N2894CSM_03 Datasheet
22Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2907ADCSM SEME-LAB-2N2907ADCSM_08 Datasheet
39Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com