Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3700CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3700CSM
Description  SILICON NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3700CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3700CSM Datasheet HTML 1Page - Seme LAB 2N3700CSM Datasheet HTML 2Page - Seme LAB 2N3700CSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON NPN TRANSISTOR
2N3700CSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5594
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 30mA
IB = 0
80
V
VEB = 7.0V
IC = 0
10
µA
IEBO
Emitter-Base Cut-Off Current
VEB = 5.0V
IC = 0
10
ICES
Collector-Emitter Cut-Off
Current
VCE = 90V
10
nA
TA = 150°C
5
ICBO
Collector-Base Cut-Off Current
VCB = 140V
IE = 0
10
µA
IC = 0.10mA
VCE = 10V
50
IC = 10mA
VCE = 10V
90
IC = 150mA
VCE = 10V
100
300
TA = -55°C
40
IC = 500mA
VCE = 10V
50
hFE
(1)
DC Current Gain
IC = 1.0A
VCE = 10V
15
IC = 150mA
IB = 15mA
0.2
VCE(sat)
(1)
Collector-Emitter
Saturation Voltage
IC = 500mA
IB = 50mA
0.5
VBE(sat)
(1)
Base-Emitter
Saturation Voltage
IC = 150mA
IB = 15mA
1.1
V
DYNAMIC CHARACTERISTICS
IC = 50mA
VCE = 10V
|hfe|
Magnitude of Small-Signal
Short-Circuit Current Gain
f = 20MHz
4
5
20
IC = 1.0mA
VCE = 5.0V
hfe
Small-Signal Short-Circuit
Current Gain
f = 1.0KHz
80
400
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
12
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
60
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com