Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3735CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3735CSM4
Description  Medium Current NPN Silicon Annular
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3735CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N3735CSM4 Datasheet HTML 1Page - Seme LAB 2N3735CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
75
5
0.20
20
0.3
35
40
35
20
80
0.2
0.3
0.5
0.9
0.8
1.0
1.2
0.9
1.4
9.0
80
2.5
8
40
30
30
10
2N3735CSM4
Prelim. 6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IB = 0
IC = 10mAIE = 0
IE= 10mAIC = 0
VCE = 40V
VEB = 2
TA = 100°C
VCE = 40V
VEB = 2
IC = 10mA
VCE = 1V
IC = 150mA
VCE = 1V
IC = 500mA
VCE = 1V
IC = 1A
VCE = 1.5V
IC = 10mA
IB = 1mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 1A
IB = 100mA
IC = 10mA
IB = 1mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 1A
IB = 100mA
VCB = 10V
IE = 0
f = 100KHZ
VBE = 0.5V
IC = 0
f = 100KHZ
VCE = 10V
IC = 50mA
f = 100MHZ
VCC = 30V
VBE(off) = 2V
IC = 1A
IB1 = 100mA
VCC = 30V
IC = 1A
IB1 = - IB2 = 100mA
IC = 1A
IB = 100mA
VCC = 30V
OFF CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
V
mA
—
V
V
pF
—
ns
nC
BVCEO
Collector-Emitter Breakdown Voltage1
BVCBO
Collector-Base Breakdown Voltage
BVEBO
Emitter-Base Breakdown Voltage
ICEX
Collector Cutoff Current
IBL
Base Cutoff Current
hFE
DC Current Gain1
VCE(SAT)
Collector- Saturation Voltage1
VBE(SAT)
Base-Emitter Saturation Voltage1
Cob
Output Capacitance
Cib
Input Capacitance
hfe
High Frequency Current Gain
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
QT
Total Control Charge
1) Pulse test : Pulse Width# 300
ms , Duty Cycle # 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com